Part Number Hot Search : 
03203 MH46TAD 2N111 S93C46 MBS034M FRL234R SP233 TA78L08S
Product Description
Full Text Search
 

To Download 100203040001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  330 verpackungseinheit: 400 stck verpackt im gurt nach din iec 60286-3 tape on reel packaging according to din iec 60286-3 packaging unit: 400 pcs coplanarity area of termination anforderungsstufe 1 performance level 1 kontaktbereich vergoldet mating area gold plating anschlussbereich verzinnt 4-6 m terminal area 4-6 m tin plating koplanarit?t der anschlsse 0,1 mm 0,1 mm abspulrichtung - reel off direction 2,9 a1 44 16 leiterplatten-layout vorschlag / drill tool 1.) pcb-layout proposal 1.) durchmesser des bohrers / 1.) 4,45 0,85 3 0,8 0,03 1,5 24 8 x 3 = 1 0,03 26 0,9 0,03 0,65 0,85 0,5 0,7 0,7 1 24 x 1 = 24 5,85 0,8 7,42 3,675 4,6 1,62 ansaughaube hood 5,8 26,95 0,5 8,95 0,6 8,07 0,65 26 index mspeed copyright by erni gmbh contact one of the erni companies proprietary notice pursuant to iso 16016 to be obse rved. a3 class j male 2mm smd, 50 contacts messerleiste 2mm smd, 50 polig 100203040001 5:1 k 28.01.2014 www.erni.com before using. version of this drawing, please drawing will not be updated. designation in mm all dimensions scale tolerances information: all rights reserved. only for information. to ensure that this is the latest subject to modification without prior notice. date a25 b25 b1 a1 1,5 1 24 x 1 = 24


▲Up To Search▲   

 
Price & Availability of 100203040001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X